Part Number Hot Search : 
2012A 1641G MAX6802 2SK16 RM13TR 28C17ALA PM100 SA211
Product Description
Full Text Search
 

To Download FR88 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet Description
8.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
JEDEC TO-220AC
1 2 1 2 Case Case
Mechanical Dimensions
FR80 . . . 810 Series
Features
n FAST SWITCHING FOR HIGH EFFICIENCY n HIGH SURGE CAPABILITY n 8.0 AMP OPERATION @ TA = 55C, WITH NO THERMAL RUNAWAY n MEETS UL SPECIFICATION 94V-0
FR80 . . . 810 Series Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) TC = 100C Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Current & Temp Operating & Storage Temperature Range...TJ, TSTRG Electrical Characteristics Maximum Forward Voltage @ 8.0A...VF Maximum DC Reverse Current...IR @ Rated DC Blocking Voltage @ @ 25C 100C ............................................. 1.3 ............................................... FR80 50 35 50 FR81 100 70 100 FR82 200 140 200 FR84 400 280 400 FR86 600 420 600 FR88 800 560 800 FR810 1000 700 1000
Units
Volts Volts Volts Amps
............................................. 8.0 ...............................................
............................................. 150 ...............................................
Amps C
........................................ -50 to 150 .........................................
Volts
............................................. 1 0 ............................................... Amps ............................................. 250 ............................................... Amps ............................................. 5 5 ............................................... 150 150 150 150 250 500 500 pF ns
Typical Junction Capacitance...CJ (Note 1) Maximum Reverse Recovery Time...tRR Page 4-18
Data Sheet
8.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
Non-Repetitive Peak Forward Surge Current 120 80 40 1
Average Forward Current (A)
10 8 6 4 2 0
TA TC
25 50 75 100 125 150 175 Ambient Temperature (C)
Peak Forward Surge Current (A)
Forward Current Derating Curve
10
100
Number of Cycles @ 60 HZ Typical Junction Capacitance Junction Capacitance (pF)
Typical Reverse Characteristics 100 Reverse Current (A)
TC= 100C TC= 75C
120 80 40
10
1.0
TC = 25C
.1
.1
1
10
100
1000
20 40 60 80 100 120 140 160 Percent of Rated Peak Voltage
Reverse Voltage (V)
Typical Instantaneous Forward Characteristics 1000 Forward Current (A)
Non-Inductive
Reverse Recovery Characteristics
50 25 VDC D.U.T 10 1 NonInductive (-)
Pulse Generator Note 2
100 10 1 .1
(+) (-)
+.5A 0A -.25A -1.0A
tRR
Ratings at 25 Deg. C ambient temperature unless otherwise specified. 1 cm Single Phase Half Wave, 60 Hz Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Oscilliscope (+) Note 1
Notes: 1 . Rise Time = 7 ns Max. Impedance = 1 megohm, 22 pF 2 . Rise Time = 10 ns Max. Source Impedance = 50 Ohms
.6 1.1 1.7 2.3 2.6 Forward Voltage (V)
Time Base Set @ 50/100ns/cm
NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to Case, Jedec Method.
Page 4-19
FR80 . . . 810 Series


▲Up To Search▲   

 
Price & Availability of FR88

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X